Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
 

To Download BC846AW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc846aw ? bc848cw document number: ds30250 rev. 13 - 2 1 of 6 www.diodes.com december 2013 ? diodes incorporated bc846aw-bc848cw npn small signal transistor in sot323 features ? ideally suited for automatic insertion ? complementary pnp types: bc856w ? bc858w ? for switching and af amplifier applications ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. "green" device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sot323 ? case material: molded plastic, ?green? molding compound ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight: 0.006 grams (approximate) ordering information (notes 4 & 5) product compliance marking reel size (inches) quantity per reel product compliance marking reel size (inches) quantity per reel BC846AW-7-F aec-q101 k1q 7 3,000 bc847bwq-13-f automotive k1r 13 10,000 bc846bw-7-f aec-q101 k1r 7 3,000 bc847cw-7-f aec-q101 k1m 7 3,000 bc846bwq-7-f automotive k1r 7 3,000 bc847cw-13-f aec-q101 k1m 13 10,000 bc846bw-13-f aec-q101 k1r 13 10,000 bc847cwq-7-f automotive k1m 7 3,000 bc847aw-7-f aec-q101 k1q 7 3,000 bc848aw-7-f aec-q101 k1q 7 3,000 bc847bw-7-f aec-q101 k1r 7 3,000 bc848bw-7-f aec-q101 k1r 7 3,000 bc847bw-13-f aec-q101 k1r 13 10,000 bc848cw-7-f aec-q101 k1m 7 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap c apable. automotive, aec-q101 and standard products are electricall y and thermally the same, except where specified. for more information, please refer to http://www.diodes.com/quality/product_compliance_de finitions/. 5. tape width is 8mm. for packaging details, go to our website at http://www.diodes.c om/products/packages.html marking information date code key year 2010 2011 2012 2013 2014 2015 2016 2017 code x y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view sot323 device symbol top view pin-out xxx ym c e b xxx = product type marking code (please see ordering information) ym = date code marking y or y = year (ex: a = 2013) m or m = month (ex: 9 = september)
bc846aw ? bc848cw document number: ds30250 rev. 13 - 2 2 of 6 www.diodes.com december 2013 ? diodes incorporated bc846aw-bc848cw absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage bc846 v cbo 80 v bc847 50 bc848 30 collector-emitter voltage bc846 v ceo 65 v bc847 45 bc848 30 emitter-base voltage bc846, bc847 v ebo 6 v bc848 5 continuous collector current i c 100 ma peak collector current i cm 200 ma peak base current i bm 200 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 6) p d 200 mw thermal resistance, junction to ambient (note 6) r ja 625 c/w ? operating and storage temperature range t j , t stg -65 to +150 c esd ratings (note 7) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3a electrostatic discharge - machine model esd mm 400 v c notes: 6. for a device mounted on minimum recommended pad layout 1oz weight copper that is on a single-sided fr4 pcb; device is measured under still air conditions whilst operating in a steady-state. 7. refer to jedec specification jesd22-a114 and jesd22-a115.
bc846aw ? bc848cw document number: ds30250 rev. 13 - 2 3 of 6 www.diodes.com december 2013 ? diodes incorporated bc846aw-bc848cw electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector-base breakdown voltage bc846 bv cbo 80 ? ? v i c = 100a bc847 50 bc848 30 collector-emitter breakdown voltage (note 8) bc846 bv ceo 65 ? ? v i c = 10ma bc847 45 bc848 30 emitter-base breakdown voltage bc846, bc847 bv ebo 6 ? ? v i e = 100a bc848 5 dc current gain (note 8) current gain group a h fe 110 180 220 ? v ce = 5.0v, i c = 2.0ma b 200 290 450 c 420 520 800 collector cutoff current i cbo ? ? 20 na v cb = 30v 5 a v cb = 30v, t a = +150c collector-emitter saturation voltage (note 8) v ce(sat) ? 90 250 mv i c = 10ma, i b = 0.5ma 200 600 i c = 100ma, i b = 5.0ma base-emitter turn-on voltage (note 8) v be(on) 580 660 700 mv i c = 2ma, v ce = 5v ? ? 770 i c = 10ma, v ce = 5v base-emitter saturation voltage (note 8) v be(sat) ? 700 ? mv i c = 10ma, i b = 0.5ma 900 i c = 100ma, i b = 5ma output capacitance c obo ? 3 4.5 pf v cb = 10v, f = 1.0mhz transition frequency f t 100 300 ? mhz v ce = 5v, i c = 10ma, f = 100mhz noise figure nf ? ? 10 db v ce = 5v, i c = 200a r s = 2k ? , f = 1khz ? f = 200hz notes: 8. measured under pulsed conditions. pulse width 300s. duty cycle 2%.
bc846aw ? bc848cw document number: ds30250 rev. 13 - 2 4 of 6 www.diodes.com december 2013 ? diodes incorporated bc846aw-bc848cw typical electrical characteristics (@t a = +25c, unless otherwise specified.) 0 50 100 25 50 75 100 125 150 175 200 p , p o we r dissi p a t i o n (mw) d t , ambient temperature (c) figure 1 power dissipation vs. ambient temperature a 150 200 250 300 0 1 0.1 10 100 1,000 v, c o lle c t o r -emi t t e r saturation voltage (v) ce(sat) i , collector current (ma) figure 2 typical collector-emitter saturation voltage vs. collector current c t = 25c a t = -50c a t = 150c a 0 0.1 0.2 0.3 0.4 i i c b = 20 1 10 100 1,000 1 10 100 1,000 h, d c c u r r en t g ain fe i , collector current (ma) figure 3 typical dc current gain vs. collector current c t = 25c a t = -50c a t = 150c a 1 100 10 1,000 110100 f, g ai n -ba n dwid t h p r o d u c t (m h z) t i , collector current (ma) figure 4 typical gain-bandwidth product vs. collector current c v = 5v ce
bc846aw ? bc848cw document number: ds30250 rev. 13 - 2 5 of 6 www.diodes.com december 2013 ? diodes incorporated bc846aw-bc848cw package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot323 dim min max typ a 0.25 0.40 0.30 b 1.15 1.35 1.30 c 2.00 2.20 2.10 d ? ? 0.65 g 1.20 1.40 1.30 h 1.80 2.20 2.15 j 0.0 0.10 0.05 k 0.90 1.00 1.00 l 0.25 0.40 0.30 m 0.10 0.18 0.11 ?? 0 8 ? all dimensions in mm dimensions value (in mm) z 2.8 x 0.7 y 0.9 c 1.9 e 1.0 a m j l d b c h k g x e y c z
bc846aw ? bc848cw document number: ds30250 rev. 13 - 2 6 of 6 www.diodes.com december 2013 ? diodes incorporated bc846aw-bc848cw important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of BC846AW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X